PART |
Description |
Maker |
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SC |
1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 31/2 Digit/ LCD/LED Display/ A/D Converters From old datasheet system 31/2 Digit LCD/LED Display A/D Converters 3 1 / 2 Digit,LCD/LED Display, A/D Converters 31/2 Digit, LCD/LED Display, A/D Converters
|
INTERSIL[Intersil Corporation]
|
TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC |
3-1/2 digit analog-to-digital converters with drives LED The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre 3-1/2 digit analog-to-digital converters with drives LCD
|
MICROCHIP[Microchip Technology]
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
ICL71060512 ICL7107SCPLZ ICL7106 ICL7106CM44 ICL71 |
LED Display, A/D Converters(3 1/2 位LED 显示器驱A/D转换 LED显示,A / D转换3 1 / 2位发光显示器驱动的A / D转换器) 3? Digit, LCD/LED Display, A/D Converters 3? Digit, LCD/LED Display, A/D Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
E05-XXX E05-10M E05-10M1 E05-10P3 E05-10T E05-11M |
5 Watt Wide Input DC to DC Converters 5瓦特宽输入直流直流转换器 5 WATT WIDE INPUT DC TO DC CONVERTERS 5瓦宽输入直流直流变换 120VAC ADAPT-LGT BASE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unknow
|